PART |
Description |
Maker |
STL11N3LLH6 |
N-channel 30 V, 0.006 Ohm typ., 11 A STripFET(TM) VI DeepGATE(TM) Power MOSFET in a PowerFLAT(TM) 3.3 x 3.3 package
|
ST Microelectronics
|
S3901-FX |
MOSFET, Switching; VDSS (V): 400; ID (A): 15; Pch : 100; RDS (ON) typ. (ohm) @10V: 0.34; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
S7686 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 10.8; Package: DPAK (L)- (2)
|
Hamamatsu Photonics
|
BUK7606-55B BUK7606-55B-15 |
N-channel TrenchMOS standard level FET 75 A, 55 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP Semiconductors N.V.
|
021-3220 021-4510 021-4520 021-2220 042-3300 021-4 |
KNOB BLACK KNOB GREY ZIFFERNSCHEIBE TYP 3 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 0 KNOPFDM 14.5 PFEILSCHEIBE DM36.0 SCHWARZ ZIFFERNSCHEIBE TYP 1 KNOPFDM 36.0 ZIFFERNSCHEIBE TYP 2 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 1 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 9 KNOPFDM 14.5 ZIFFERNSCHEIBE典型9 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 8 KNOPFDM 21.0 ZIFFERNSCHEIBE典型8 KNOPFDM 21.0
|
EPCOS AG
|
SI7447DP-E3 |
14 A, 30 V, 0.006 ohm, P-CHANNEL, Si, POWER, MOSFET POWERPAK, SO-8
|
Vishay Intertechnology, Inc.
|
AP9412AGI |
68 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB ROHS COMPLIANT, TO-220CFM, 3 PIN
|
Advanced Power Electronics, Corp.
|
BUK9506-30 |
TrenchMOS transistor Logic level FET 75 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
STB70NF02L STB70NF02LT4 |
N-CHANNEL 20V - 0.006 OHM - 70A D2PAK LOW GATE CHARGE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.006 OHM - 70A D2PAK LOW GATE CHARGE STRIPFET II POWER MOSFET
|
ST Microelectronics
|
STF11NM65N STFI11NM65N STD11NM65N STP11NM65N |
N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 650 V, 0.425 Ω typ., 11 A MDmesh?II Power MOSFET in DPAK, TO-220FP, I2PAKFP and TO-220 packages N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
NTD78N03-35G NTD78N03T4G NTD78N03-1G NTD78N03.1G N |
Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: 3 IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 Power MOSFET 25 V, 78 A, Single N?Channel, DPAK
|
ON Semiconductor
|
|