PART |
Description |
Maker |
SMR08-06016-9D |
806 MHz - 869 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 60 dBi GAIN, 60 deg 3dB BEAMWIDTH
|
ANDREW CORP
|
RT8N0F-0180-014 RT8N0F-0190-014 RT8N0F-0150-017 RT |
1700 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14 dBi GAIN 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14 dBi GAIN 1425 MHz - 1535 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN 1700 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN 1425 MHz - 1535 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 13.5 dBi GAIN 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN
|
CommScope, Inc.
|
BLF6G27LS-75 BLF6G27-75 |
Product description75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz WiMAX power LDMOS transistor S BAND, Si, N-CHANNEL, RF POWER, MOSFET 75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz. BLF6G27-75<SOT502A (LDMOST)|<<http://www.nxp.com/packages/SOT502A.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
PM6615 |
2500 MHz - 2686 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 15 dBi GAIN
|
|
PF-156DA |
150 MHz - 160 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 8.15 dBi GAIN
|
Maxwell Technologies, Inc
|
PCS-06516-2DM |
1710 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.5 dBi GAIN, 65 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
HMD16SM-H |
2500 MHz - 2700 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16 dBi GAIN, 100 deg 3dB BEAMWIDTH
|
ANDREW CORP
|
PCSD18SB-08514-2DZ PCSD19SB-06813-0DZ PCSD19SB-085 |
1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.7 dBi GAIN, 85 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 15.4 dBi GAIN, 68 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.5 dBi GAIN, 85 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.5 dBi GAIN, 85 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14.4 dBi GAIN, 85 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.7 dBi GAIN, 68 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.7 dBi GAIN, 85 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.5 dBi GAIN, 68 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14.4 dBi GAIN, 85 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
SPA860/85/13/0/DSNT SPA860/85/14/0/DSNT SPA860/85/ |
860 MHz - 960 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 12.5 dBi GAIN, 85 deg 3dB BEAMWIDTH 860 MHz - 960 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14 dBi GAIN, 85 deg 3dB BEAMWIDTH 860 MHz - 960 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 10 dBi GAIN, 85 deg 3dB BEAMWIDTH
|
Vishay Intertechnology, Inc.
|
ACTF070020-PK11 ACTF070020_PK11 ACTF070020/PK11 |
70 MHz Standard Filter for Base Station Application
|
Advanced Crystal Technology
|
ACTF070096-PK11 ACTF070096_PK11 |
70 MHz Standard Filter for Base Station application.
|
Advanced Crystal Technology
|
|