PART |
Description |
Maker |
RLB-100H RLB-100V RLB-1500H RLB-2000H RLB-2000V RL |
LOAD BANKS
|
List of Unclassifed Man...
|
MT41J64M16JT MT41J128M8 MT41J256M4 MT41J64M16JT-12 |
DDR3 SDRAM MT41J256M4 ?32 Meg x 4 x 8 banks MT41J128M8 ?16 Meg x 8 x 8 banks MT41J64M16 ?8 Meg x 16 x 8 banks
|
Micron Technology
|
MT41J256M8 MT41J128M16 MT41J128M16HA-15EDTR MT41J1 |
DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks 2Gb: x4, x8, x16 DDR3 SDRAM Features DDR3 SDRAM MT41J512M4 ?64 Meg x 4 x 8 Banks MT41J256M8 ?32 Meg x 8 x 8 Banks MT41J128M16 ?16 Meg x 16 x 8 Banks
|
Micron Technology
|
ADS7608A4A ADS7608A4A-5 ADS7608A4A-55 ADS7608A4A-6 |
Synchronous DRAM(4M X 8 Bit X 4 Banks) Synchronous DRAM(4M X 8 Bit X 4 Banks) 同步DRAM4米8位4银行 Synchronous DRAM(4M X 8 Bit X 4 Banks) 同步DRAM米8位4银行 133 Mhz LVTTL synchronous DRAM, 4 M x 8 bit x 4 banks
|
ADATA Technology Co., Ltd. A-DATA[A-Data Technology]
|
NCP45524 |
Advanced Load Management Controlled Load Switch with Low RON
|
ON Semiconductor
|
AQY221R2SX AQY221R2SZ |
PhotoMOS relay, RF (radio frequency). 1 form A, R 10 type. Output rating: load voltage 40 V, load current 250 mA.
|
Matsushita Electric Works(Nais)
|
AQS210PS |
PhotoMOS relay, multi-function. Optocoupler, darlington, diode bridge. Load voltage 350V AC/DC, load current 120 mA
|
Matsushita Electric Works(Nais)
|
AQS610TSX AQS610TSZ |
PhotoMOS relay, GU (general use) type, multi-function (1a1b MOSFET & optocoupler). Output rating load voltage 350V AC/DC, load current 100 mA.
|
Matsushita Electric Works(Nais)
|
AQY210KSX AQY210KSZ |
PhotoMOS relay, GU (general use) type. 1-channel(form A) with short circuit protection. AC/DC type. Output rating: load voltage 350 V, load current 120 mA.
|
Matsushita Electric Works(Nais)
|
W9864G6 W9864G6DB W9864G6DB-7 |
1M x 4 BANKS x 16 BITS SDRAM 1M x 4 BANKS x 16 BITS SDRAM From old datasheet system BGA SDRAM
|
WINBOND[Winbond] Winbond Electronics
|
AQW224NA |
PhotoMOS relay, FR (radio frequency) type, [2-channel (form A) type] low on resistance. AC/DC type. Output rating: load voltage 400 V, load current 40 mA. surface-mount terminal, tube packing style.
|
Matsushita Electric Works(Nais)
|
NCP45520 |
NCP45520 & NCP45521 Datasheet - ecoSWITCH Advanced Load Management: 11.5A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|