PART |
Description |
Maker |
SBTC-2-10 SBTC-2-10_10L SBTC-2-10L SBTC-2-1010L |
Power Splitter/Combiners 2 Way-0??50蟹 5 to 1000 MHz Power Splitter/Combiners 2 Way-050з 5 to 1000 MHz Power Splitter/Combiners 2 Way-0° 50 5 to 1000 MHz Power Splitter/Combiners 2 Way-0∑ 50з 5 to 1000 MHz From old datasheet system Power Splitter/Combiners 2 Way-0 50 5 to 1000 MHz
|
MINI[Mini-Circuits]
|
10723A 10701A 10703A 10704A 10707A 10710A 10710B 1 |
10723A High-Stability Adapter 10701A 50% Beam Splitter 10703A Retroreflector 10704A Retroreflector 10707A Beam Bender 10710A Adjustable Mount 10710B Adjustable Mount 10711A Adjustable Mount 10567A 50% Dual Beam Splitter 10725A 50% Beam Splitter 10725B 10725B 4% Beam Splitter 10722A Plane Mirror Converter 10724A Plane Mirror Reflector 10726A Beam Bender 10728A Plane Mirror
|
Agilent (Hewlett-Packard)
|
ZAPD-21 ZAPD-21-N |
500 MHz - 2000 MHz RF/MICROWAVE COMBINER, 1 dB INSERTION LOSS ROHS COMPLIANT, CASE F14 Power Splitter/Combiner 2 Way-0 50ヘ 500 to 2000 MHz Power Splitter/Combiner 2 Way-0 50惟 500 to 2000 MHz Power Splitter/Combiner 2 Way-0 50Ω 500 to 2000 MHz
|
Mini-Circuits
|
ZFSC-2-11 |
Power Splitter/Combiner 2 Way-0 50楼? 10 to 2000 MHz Power Splitter/Combiner 2 Way-0 50惟 10 to 2000 MHz Power Splitter/Combiner 2 Way-0 50Ω 10 to 2000 MHz
|
Mini-Circuits
|
ZAPD-2-252 |
Power Splitter/Combiner 2 Way-0 50Ω 5 to 2500 MHz Power Splitter/Combiner 2 Way-0 50惟 5 to 2500 MHz Power Splitter/Combiner 2 Way-0 50ヘ 5 to 2500 MHz
|
Mini-Circuits
|
SCA-4-10 |
Power Splitter/Combiner 4 Way-050з 5 to 1000 MHz 5 MHz - 1000 MHz RF/MICROWAVE COMBINER, 2.5 dB INSERTION LOSS Power Splitter/Combiner 4 Way-0∑ 50з 5 to 1000 MHz Power Splitter/Combiner 4 Way-0° 50?/a> 5 to 1000 MHz
|
MINI[Mini-Circuits]
|
MAX1198 |
Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
|
Maxim Integrated Products, Inc.
|
MAX1183 MAX1183ECM |
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
|
MAXIM[Maxim Integrated Products]
|
MAX1180ECM |
Dual 10-Bit / 105Msps / 3.3V / Low-Power ADC with Internal Reference and Parallel Outputs
|
Maxim
|
MAX1185ECM_V MAX1185ECM MAX1185ECM/V |
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
|
Maxim Integrated Products
|
HVI08 HVI08-D033E HVI08-D033I HVI08-D033K HVI08-D0 |
UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|