PART |
Description |
Maker |
MA3330 MA3180 MAZ30820M MA3000 MA3140 MAZ3000 MAZ3 |
Silicon planar type Silicon planar type 33 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Small-signal device - Diodes - Zener Diodes Zener Diodes Silicon planar type
|
PANASONIC CORP Panasonic, Corp. http:// PANASONIC[Panasonic Semiconductor]
|
SF5GZ47 SF5JZ47 |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISITOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
USF5J48 SF5G48 SF5J48 USF5G48 |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
MAZ8033 MAZ8024 MAZ8027 MAZ8030 MAZ8036 MAZ8039 MA |
MAZ8xxx Series (MA8000 Series) Silicon planar type Silicon planar type For stabilization of power supply
|
Panasonic Semiconductor
|
UP03312 |
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
|
PANASONIC[Panasonic Semiconductor]
|
UP04314 |
Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
|
PANASONIC[Panasonic Semiconductor]
|
MT3S06S |
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
SH8G41 |
HIGH .SPEED THYRISTOR SILICON PLANAR TYPE FOR AUTOMATIC .STROBE FLASHER APPLICATIONS ...DISCHARGER (Chopper) TOSHIBA HIGH-SPEED THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
XN09D58 |
Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
|
Panasonic Semiconductor
|
SF5G49 USF5G49 |
(SF5x49) THYRISTOR SILICON PLANAR TYPE (USF5x49) THYRISTOR SILICON PLANAR TYPE
|
Toshiba Semiconductor
|
1SV322 |
Diode Silicon Epitaxial Planar Type TCXO/VCO TOSHIBA Diode Silicon Epitaxial Planar Type
|
Toshiba Semiconductor
|
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|