PART |
Description |
Maker |
ISL97656IRTZ ISL97656IRTZ-T ISL97656IRTZ-TK INTERS |
Integrated 4A Switch PWM Step-Up Regulator 640kHz/1.2MHz PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 10-TDFN T&R 5.1 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
APW1172KAI-TUL APW1172KAC-TR APW1172KAC-TRL APW117 |
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
|
ANPEC[Anpec Electronics Coropration]
|
SC4503TSKTRT SC4503EVB SC4503 |
1.3MHz Step-Up Switching Regulator with 1.4A Switch
|
Semtech Corporation
|
MAX1515ETG |
Low-Voltage, Internal Switch, Step-Down/DDR Regulator
|
Maxim Integrated Products
|
MCP16301T-I/CH |
High-Voltage Input Integrated Switch Step-Down Regulator
|
Microchip Technology
|
MAX8566ETJ MAX856609 |
High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
|
Maxim Integrated Products
|
MAX1515 |
Low-Voltage, Internal Switch, Step-Down/DDR Regulator From old datasheet system
|
Maxim
|
SY8003C SY8008B SY8031L SY8020H SY8035 SY8088 SY80 |
Low Voltage Single Output Step Down Regulator (Power Switch Integrated)
|
TY Semiconductor Co., L...
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
TK11224BUIB TK11245BUCB TK11255BUCB TK11215BUCB TK |
Power pushbutton switch is rated up to 7 amps and has many options MS series miniature snap action switches with many options VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 CAP .0001UF 50V UF(B) FILM SMD 调压器ON / OFF开 CAP .00015UF 50V UF(B) FILM SMD 4.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 CAP 15000UF 63V ELECT TUP SERIES 2.9 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 调压器ON / OFF开 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.2 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO5 CAP 120000UF 16V ELECT THA SER 2.6 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.8 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 4 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 3.1 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH
|
TOKO Inc. TOKO, Inc. ON Semiconductor http://
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
|