PART |
Description |
Maker |
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
PHC025 |
High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
Illinois Capacitor, Inc.
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SM602HRR SM600HRR SM612 SM600 SM610 SM612R SM600R |
(SM600 - SM612) SWITCHING REGULATOR POWER OUTPUT STAGES RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SPECIALTY ANALOG CIRCUIT, MBCY4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
LT1766EFE-5-PBF LT1766EFE-5-TR LT1766EFE-5-TRPBF L |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1767EMS8E-3.3TRPBF LT1767EMS8E-3.3PBF LT1767EMS8 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MC34166T |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 6 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor
|
MC34167TV |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PZFM5
|
ON Semiconductor
|
LTC1159CG-3.3 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp.
|
LT1506CS8TRPBF LT1506CR-3.3SYNC |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1300 LT1300CN8 LT1300CS8 |
Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter From old datasheet system Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 0.75 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
LINER[Linear Technology] Linear Technology, Corp.
|