PART |
Description |
Maker |
MC1408 MC1408-8 MC1408-8D MC1408-8F MC1408-8N MC15 |
8-Bit D/A Converter 8-bit multiplying D/A converter IEEE 802.3af PD Controller with Integrated DC/DC 20-HTSSOP -40 to 85 8-Bit high-speed multiplying D/A converter(8位高速乘法D/A转换
|
Philips Semiconductors
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
LC-128B LC128B |
DC-DC CONVERTER??IN??/td>
| - DC-DC CONVERTER〈PIN〉
|
SUMIDA[Sumida Corporation]
|
5962-8866905XX 5962-8866905ZX 5962-8866901XX 5962- |
12-Bit A/D Converter with 3-State Binary Outputs 3 1/2 Digit A/D Converter x9 Asynchronous FIFO X9热卖异步FIFO
|
Avago Technologies, Ltd.
|
BH2221FV |
Standard Linear LSIs > Tuning D/A converter 8bit 12ch D/A converter From old datasheet system
|
ROHM[Rohm]
|
RDC19222-121 RDC19222-111 RDC19222-101 RDC-19220-2 |
Converter IC 转换器IC LVDT/Resolver-to-Digital Converter LVDT分解到数字转换器
|
Microchip Technology, Inc. Electronic Theatre Controls, Inc.
|
HT82V731 HT82V7318SOP |
Analog to Digital Converter 模数转换 Audio D/A Converter
|
HIROSE ELECTRIC Co., Ltd. HOLTEK[Holtek Semiconductor Inc]
|
FWD-1205 FWD-1209 FWD-1212 FWD-4805 FWD-4812 FWD-4 |
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
AD636J AD636JD AD636JH AD636 AD636K AD636KD AD636K |
DIODE SCHOTTKY SINGLE 50V 333mW 0.41V-vf 15mA-IFM 1mA-IF 0.2uA-IR SOD-123 3K/REEL RMS TO DC CONVERTER, 0.1 MHz, CDIP14 Low Level/ True RMS-to-DC Converter Low Level, True RMS-to-DC Converter
|
Analog Devices, Inc. AD[Analog Devices] http://
|