PART |
Description |
Maker |
GL8212 |
High Power Factor & Accuracy Constant Current LED Driver
|
grenergy
|
EC4188B |
High Power Factor & Accuracy Constant Current LED Driver
|
E-CMOS Corporation
|
MIC3230 MIC3230YML MIC3230YTSE MIC3231YML MIC3231Y |
Constant Current Boost Controller for Driving High Power LEDs
|
Micrel Semiconductor
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
LT1769 1769I |
Constant-Current/Constant-Voltage 2ABattery Charger with Input Current Limiting From old datasheet system
|
Linear
|
PMR400UN |
N-channel mTrenchMOS ultra low level FET Bench Power Supply; Output Voltage:32V; Output Current:3A; Calibrated:No; Line Regulation Constant Voltage:Less Than 0.1% 3 mV; Load Regulation Constant Current:Less Than 0.1% 2mA
|
NXP Semiconductors Philips Semiconductors
|
A6268KLPTR-T |
The A6268 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
|
Allegro MicroSystems
|
A6265KLPTR-T |
The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
|
Allegro MicroSystems
|
FS10UM-10 |
Bench Power Supply; Output Current:28A; Calibrated:No; Features:Overload protection, high RFI stability, multiple DC output terminals, 1-yr. warranty, includes user manual; Line Regulation Constant Voltage: 2%, 5 mV MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
SW122300E-17 |
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
|
Shenzhen Sunnyway Batte...
|
FX5959G701ADJB1 FX5959G701ADJB5 FX5959G701ADJT5 FX |
LED DISPLAY DRIVER, PBGA25 Power LED Driver the Smallest and Low Profile, Constant Current Source 0 - 2.0A, 2.5V to 7V, with 450W/in3 Power Density and High Efficiency
|
VISHAY SEMICONDUCTORS VISAY[Vishay Siliconix]
|