PART |
Description |
Maker |
1N759A-1 1N4370 1N4370A 1N4370A-1 1N4371A 1N4372A |
DOUBLE PLUG CONSTRUCTION
|
MICROSEMI[Microsemi Corporation]
|
ZBS |
Cemented Resistors with Corrugated Ribbon, All welded construction, Power rating up to 500 watt, Corrugated ribbon construction aids rapid cooling, Available in adjustable design
|
Vishay
|
CPSL |
Low Value, Commercial Power, Four Lead, Fireproof Inorganic Construction, Current Sensing, High Power/Size Ratio, Complete Welded Construction, High Thermal Conductivity and Moisture Resistance for Aqueous Board Wash Systems
|
Vishay
|
801-007 |
Double-Start ACME Threads Plug
|
Glenair, Inc.
|
M2S56D20AKT-75 M2S56D30AKT-75 M2S56D40AKT-75 M2V56 |
JT 13C 13#22D SKT GRND PLUG Circular Connector; No. of Contacts:5; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-5 RoHS Compliant: No JT 6C 6#22D SKT PLUG 256M Double Data Rate Synchronous DRAM 256M双数据速率同步DRAM
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
1270 MODEL1270 |
BNC (Male) To Double Stacking Banana Plug
|
Pomona Electronics
|
MDP 4892 4898 |
Stackable Double Banana Plug with Cable Guide
|
Pomona Electronics
|
2BC-MG |
Double Banana Plug to Minigator Test Clip Breakouts
|
http://
|
2BC-BNC-44 2BC-BNC-91 |
BNC Male To Multi-Stacking Double Banana Plug
|
Pomona Electronics http://
|
2224 |
Phenolic Box Component Mounting Banana Jack To Double Plug
|
Pomona Electronics
|
3TB41-15 |
TB Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 10 A at 250 Vac, Pin Plunger Actuator, Silver Contacts, Screw Termination
|
Honeywell
|
AD7880CR AD7880CQ AD7880BN AD7880BRZ AD7880-15 |
LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Enclosed Switches Series LS: Rod - Adjustable; 1NC 1NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Plug-in Enclosed Switches Series LS: Wobble - Steel Wire; 1NC 1NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Plug-in
|
Analog Devices, Inc.
|