PART |
Description |
Maker |
FBA04HA450VB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
FBA04HA900VB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
FBA03HA450VB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
FBA03HA450UB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
SK58L SK56L SK52L SK510L SK53L |
5 Amp Schottky Rectifier 20 to 100 Volts FERRITE TUBULAR BEAD 19.05MM FERRITE TUBULAR BEAD 16.76MM
|
Micro Commercial Compon... Micro Commercial Components Corp.
|
BLM21AG221SN1P BLM21AG331SN1P BLM21AG471SN1P BLM21 |
EMIFILr (Inductor type) Chip Ferrite Bead EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L...
|
IHD1BH682L IHD3BH104L IHD3BH472L H390L IHD1BH680L |
General Fixed Inductor, 1 ELEMENT, 6800 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT General Fixed Inductor, 1 ELEMENT, 100000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT General Fixed Inductor, 1 ELEMENT, 4700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT General Fixed Inductor, 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT Filter Inductors, High Current, Axial Leaded General Fixed Inductor, 1 ELEMENT, 12000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT
|
Vishay Dale Vishay Siliconix
|
BLM31PG601SN1L BLM31PG601SN1B BLM31PG330SN1L |
FERRITE CHIP 600 OHM 1500MA 1206 1 FUNCTIONS, 1.5 A, FERRITE CHIP IND, FER BEAD, 1.5A, 0.09DCR 1 FUNCTIONS, 1.5 A, FERRITE CHIP Chip EMIFILr Inductor Type Chip Ferrite Beads, 1206 Series
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|