PART |
Description |
Maker |
BF1012 Q62702-F1487 Q62702-S535 Q62702-C1659 |
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage) NPN硅自动对焦和开关晶体管(高击穿电压低集电极发射极饱和电压) Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 12V Integrated stabilized bias network From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX6709 MAX6709-MAX6714 MAX6714 MAX6714CUB MAX6709 |
60 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor Low-Voltage / High-Accuracy / Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in レMAX Package LOW-VOLTAGE, HIGH-ACCURACY, QUAD VOLTAGE MONITORS IN ヌMAX PACKAGE "Low-Voltage, High-Accuracy, Quad Voltage Monitors in ?MAX Package" Low-Voltage, High-Accuracy, Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package 35 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MSK613-15 MSK613H |
Ultra Low Quiescent Current - ±10mA for High Voltage HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX16008 MAX16008TP MAX16009TG |
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN Low-Voltage, High-Accuracy, Quad Window Monitor in Small TQFN Package
|
Maxim Integrated Products
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
MSK600-15 MSK600B |
Ultra Low Quiescent Current - ±15mA for High Voltage WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
IR21834 |
High and Low Side Driver, SoftTurn-On, Low Side Inverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground, Programmable Deadtime in a 14-pin DIP package
|
International Rectifier
|
LDO-512 |
Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
|
STMicroelectronics
|
LB1839 LB1839M |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器 Monolithic Digital IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|