PART |
Description |
Maker |
FDD044AN03 FDD044AN03L FDU044AN03L |
VARISTOR STD 250VRMS 3225 SMD 35 A, 30 V, 0.0044 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30V N-Channel PowerTrench? MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDD6030L_03 FDD6030L FDD6030L03 FDD6030LNL |
30V N-Channel Logic PowerTrench MOSFET 50 A, 30 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI45N03L FQB45N03L |
30V LOGIC N-Channel MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 45A I(D) | TO-263AB
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
STB160NF03L 7460 |
N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFETPOWER MOSFET N沟道30V 0.0021ohm - 160A章采用D2PAK STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STS5DNE30L 6147 |
N - CHANNEL 30V - 0.039 Ohm - 5A SO-8 STripFET POWER MOSFET N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.039 - 5A SO-8 STripFET TM POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
STB3020L 6474 |
CSED, FLANGE KIT 400A -通道30V 0.019ohm - 40A采用D2PAK STripFET]功率MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - D 2 PAK STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET N - CHANNEL 30V - 0.019W - 40A - D 2 PAK STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|
FDMC8296 FDMC829610 |
30V N-Channel Power Trench MOSFET; Package: Power 33 (PQFN); No of Pins: 8; Container: Tape & Reel 12 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power Trench? MOSFET 30V, 18A, 8.0m
|
Fairchild Semiconductor, Corp.
|
FDB8896 FDB8896NL |
N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm 30V N-Channel PowerTrench MOSFET 80 A, 30 V, 0.0068 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STB80NE03L-06 STB80NE03L-06-1 STB80NE03L-06T4 |
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET?/a> POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET⑩ POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PC01; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|