PART |
Description |
Maker |
ATF-46171 |
2-10 GHz Medium Power Gallium Arsenide FET(2-10 GHz 中等功率砷化FET)
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
TGA1081-EPU TGA1081 |
26-29 GHZ MEDIUM POWER AMPLIFIER
|
TriQuint Semiconductor
|
EMA303D |
16-26 GHz medium power MMIC
|
Excelics Semiconductor
|
TGA2565-SM TGA2565-SM-15 |
11 17 GHz Medium Power Amplifier
|
TriQuint Semiconductor
|
TGA1073A-SCC TGA1073A-SCC-15 |
26 35 GHz Medium Power Amplifier
|
TriQuint Semiconductor, Inc.
|
HMC608 |
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
|
Hittite Microwave Corporation
|
PE6211 |
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
|
Pasternack Enterprises,...
|
HMC608LC4 |
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
|
Hittite Microwave Corporation
|
AT42070 |
Up to 6 GHz Medium Power Silicon Bipolar Transistor
|
Agilent(Hewlett-Packard)
|
ATF-44101 |
2-8 GHz Medium Power Gallium Arsenide FET
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|