PART |
Description |
Maker |
ADEX-10L |
Frequency Mixer Level 4 (LO Power 4 dBm) 10 to 1000 MHz
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Mini-Circuits
|
TUF-R2LHSM |
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
|
Mini-Circuits
|
ACSP2538PZC15 ACSP2517NC3X ACSP2517NC8 ACSP2517NZC |
100 MHz - 2000 MHz RF/MICROWAVE LINEAR DETECTOR, 20 dBm INPUT POWER-MAX 100 MHz - 1000 MHz RF/MICROWAVE LINEAR DETECTOR, 20 dBm INPUT POWER-MAX
|
|
CMM3566-LC-000T PB-CMM3566-LC |
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3.45.5 GHz 7.0伏,24 dBm的的W - CDMA功率放大 3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3450 MHz - 3500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Mimix Broadband, Inc. MIMIX BROADBAND INC
|
SBTC-2-10-75_75L SBTC-2-10-75 SBTC-2-10-75L SBTC-2 |
Power Splitter/Combiners 2 Way-0??75蟹 10 to 1000 MHz Power Splitter/Combiners 2 Way-075з 10 to 1000 MHz 功分合路2路,0Σ75з101000兆赫 Power Splitter/Combiners 2 Way-0° 75 10 to 1000 MHz Power Splitter/Combiners 2 Way-0∑ 75з 10 to 1000 MHz Power Splitter/Combiners 2 Way-0 75 10 to 1000 MHz
|
MINI[Mini-Circuits]
|
MAPD-009673-C2DA40 |
5 MHz - 1000 MHz RF/MICROWAVE SPLITTER, 2.2 dB INSERTION LOSS ROHS COMPLIANT, SM-150, 6 PIN 2 Way Power Divider 5 to 1000 MHz
|
M/A-COM Technology Solutions, Inc.
|
CAT28C65BHP-20 CAT28C65BHN-15 CAT28C65BHT-20 CAT28 |
SCR / Diode Modules up to 1400V SCR / Diode Fast SAM - PSB 2168 Bridges for Throttle Control SBCX-X - PEB 3081 SCOUT-S - PSB 21381 Transmitter; Package: PG-TSSOP-10; Frequency Band: 868.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 10.0 dBm; Temperature Range: -40.0 - 125.0 °C XWAY VINAX-CPE - PEB 83000 XWAY TWINPASS-E Transmitter; Package: PG-TSSOP-10; Frequency Band: 434.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 5.0 dBm; Temperature Range: -40.0 - 125.0 °C Transmitter; Package: PG-TSSOP-10; Frequency Band: 315.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 5.0 dBm; Temperature Range: -40.0 - 125.0 °C XWAY TANTOS SEROCCO-M - PEBPEF 20532 Transceiver; Package: PG-TSSOP-38; Frequency Band: 315.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 9.0 dBm; Temperature Range: -40.0 - 85.0 °C Transceiver; Package: PG-TSSOP-38; Frequency Band: 434.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 9.0 dBm; Temperature Range: -40.0 - 85.0 °C Transmitter; Package: PG-TSSOP-16; Frequency Band: 315.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 10.0 dBm; Temperature Range: -40.0 - 125.0 °C SCR Diode Discs up to 1400V Fast Thyristors SCR / Diode Modules up to 1400V SCR / Diode Phase Control Receiver; Package: PG-TSSOP-28; Frequency Band: 315.0 MHz; Channel Requirements per Band: Multi-Channel; Modulation Type: ASK / FSK; Digital Baseband / Autonomous RX: yes; Temperature Range: -40.0 - 105.0 °C Receiver; Package: PG-TSSOP-28; Frequency Band: 915.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Digital Baseband / Autonomous RX: no; Temperature Range: -40.0 - 85.0 °C Receiver; Package: PG-TSSOP-28; Frequency Band: 434.0 MHz 868.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Digital Baseband / Autonomous RX: no; Temperature Range: -40.0 - 105.0 °C Linear Voltage Regulators for Automotive Applications; Package: PG-TO263-7; Regulator Type: single output; Output Voltage: 5V; Accuracy: 2.0 %; Max. Output Current: 400mA; Dropout Voltage: 300mV Receiver; Package: PG-TSSOP-28; Frequency Band: 315.0 MHz; Channel Requirements per Band: Multi-Channel; Modulation Type: ASK / FSK; Digital Baseband / Autonomous RX: no; Temperature Range: -40.0 - 105.0 °C SCOUT™-DX - PSB 21373 x8的EEPROM SCOUT™-P/PX - PSB 21391; PSB 21393 x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM High Speed CAN Transceiver - TLE 6250 x8的EEPROM SCOUT™-SX - PSB 21383 x8的EEPROM Transmitter; Package: PG-TSSOP-10; Frequency Band: 434.0 MHz; Channel Requirements per Band: Single Channel; Modulation Type: ASK / FSK; Transmit Power (at 3V): 10.0 dBm; Temperature Range: -40.0 - 125.0 °C
|
Toshiba, Corp. Infineon Technologies AG Air Cost Control TE Connectivity, Ltd. Amphenol, Corp. TOKO, Inc.
|
SYPD-2 |
10 MHz - 200 MHz RF/MICROWAVE PHASE DETECTOR, 17 dBm INPUT POWER-MAX
|
MINI-CIRCUITS
|
TMJ9904 |
10 MHz - 2000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 15 dBm INPUT POWER-MAX
|
SPECTRUM CONTROL INC
|