PART |
Description |
Maker |
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
SAB-C161PI-L25FCA SAB-C161PI-L25MCA SAB-C161PI-LF3 |
16-Bit Microcontrollers - 0C - 70C, 25MHz, P-TQFP-100 Consumer Class 16-bit Microcontroller 16-Bit Microcontrollers - 0C - 70C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-TQFP-100, 3V 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100
|
Infineon
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
LPC2102FBD48 LPC2102FHN48 LPC2101 LPC2101FBD48 LPC |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
NXP Semiconductors
|
LPC2101 LPC2101FBD48 LPC2102 LPC2102FBD48 LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|
MC9S08AW60CFUE S9S08AW16 S9S08AW60 MC9S08AW60CPUE |
8-Bit HCS08 Central Processor Unit (CPU) Microcontrollers MC9S08AW60 Features Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Freescale Semiconductor...
|