PART |
Description |
Maker |
IRFR110TR IRFR110TRL IRFR110TRPBF IRFR110PBF IRFR1 |
Dynamic dV/dt Rating Repetitive Avalanche Rated
|
Kersemi Electronic Co., Ltd.
|
S89R11APP1-120 S89R11DBD1-12 S89R5DBD1-12 S89R11AB |
Bistable, Impulse Relay 15 and 20 Amp Industrial Rating Continuous Coil Rating
|
Tyco Electronics
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
5500.2031 5500.2032 5500.2033 5500.2072 5500.2074 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 16A; Leakage Current Rating: 0.5 mA 250 V, 60 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
TC74HC123AF TC74HC123AFN TC74HC123AP HC123 |
Bipolar Transistor; Package/Case:TO-126; Current Rating:500mA; Voltage Rating:300V DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor] http://
|
6202.2100 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Solder Tabs; Protection class II; blackThermoplastic housing
|
SCHURTER INC
|
SPC-06502-2R2 SPC-06502-270 SPC-06502-1R5 SPC-0650 |
SMD POWER INDUCTORS SMD功率电感 Thermal Magnetic Circuit Breaker; Current Rating:6A; Voltage Rating, AC:240V; Number of Poles:3; Mounting Type:DIN Rail
|
MICRO-ELECTRONICS[Micro Electronics]
|
EF12.ABTWF200C0.1110.01 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 20A; Terminal Type: Quick Connect Tabs; Appliance inlet; circuit breakerType TA 45 and line filter
|
SCHURTER INC
|
CE40.6100.151 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired
|
Schurter, Inc.
|
K4N51163QC-ZC25 K4N51163QC-ZC36 K4N51163QC-ZC33 K4 |
; Filter Type:RFI; Current Rating:180A; Voltage Rating:480V; Series:FN258 RoHS Compliant: Yes 512MB的GDDR2 SDRAM 512Mbit gDDR2 SDRAM
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|