PART |
Description |
Maker |
DCR1595SW50 DCR1596SW DCR1595SW48 DCR1595SW47 DCR1 |
4900V phase control thyristor 5200V phase control thyristor 5100V phase control thyristor 5000V phase control thyristor Phase Control Thyristor 4487 A, 4800 V, SCR Phase Control Thyristor 相位控制晶闸 4700V phase control thyristor
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor, Ltd.
|
ST2100C..RSERIES ST2100C42R3L ST2100C30R0 ST2100C3 |
3850 A, 3400 V, SCR 3850 A, 3000 V, SCR 3850 A, 3800 V, SCR 3850 A, 4000 V, SCR 4000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3600V 1770A Phase Control SCR in a A-36 (R-Puk) package 3800V 1770A Phase Control SCR in a A-36 (R-Puk) package 3000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3200V 1770A Phase Control SCR in a A-36 (R-Puk) package 4200V 1770A Phase Control SCR in a A-36 (R-Puk) package PHASE CONTROL THYRISTORS DIODE ZENER DUAL COMMON-ANODE 300mW 36Vz 5mA-Izt 0.05 0.1uA-Ir 27 SOT-23 3K/REEL 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
C431T C431 C431E C431M C431N C431P C431PA C431PB C |
ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 1800V, 600A phase control single thyristor
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
IP1202 |
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors/ PWM Control & Passives
|
International Rectifier
|
U2008B-M U2008B-MFP U2008B-MFPG3 U2008BNBSP U2008B |
From old datasheet system Phase control retrigger, softstart or shunt regulation Low-Cost Phase-Control IC with Soft Start
|
ATMEL[ATMEL Corporation]
|
ZL8800ALAFTK ZL8800ALBFTK |
Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
|
Renesas Electronics Corporation
|
NCP6153MNTWG |
Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|
MIC2155 MIC2155YML MIC2156YML |
2-Phase, Single Output, PWM Synchronous Buck Control IC
|
Micrel Semiconductor
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
ST330C12C3 ST330C12C2 ST330C14C2 ST330C14C0L ST330 |
PHASE CONTROL THYRISTORS 1600V 720A Phase Control SCR in a TO-200AB (E-Puk) package 1200V 720A Phase Control SCR in a TO-200AB (E-Puk) package PHASE CONTROL THYRISTORS 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|