PART |
Description |
Maker |
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
AT24C01 AT24C01-10MC AT24C01-10MC-1.8 AT24C01-10MC |
2-WireSerialEEPROM 122 x 32 pixel format, Compact LCD size 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
AD5241BRU10 EVAL-AD5242EBZ AD5241BRZ1M-REEL AD5241 |
I2C® Compatible Digital Potentiometer 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 I2C-Compatible, 256-Position Digital Potentiometers 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
BD7844AEFV-LB |
16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
|
Rohm
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ... This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM 1K Microwire Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD5280BRU200 AD5282BRU200 AD5280 AD5282 AD5280BRU2 |
32-Tap. Nonvolatile. Linear-Taper Digital Potentiometers in SOT23 200K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 15V, I2C Compatible Digital Potentiometers 15V Operation Digital Potentiometers 15V I2C Compatible Digital Potentiometers 15V/ I2C Compatible Digital Potentiometers From old datasheet system
|
Analog Devices, Inc. AD[Analog Devices]
|