PART |
Description |
Maker |
CY14B104L-BV45XIT CY14B104N-BV45XCT CY14B104N-BV45 |
4-Mbit (512K x 8/256K x 16) nvSRAM 256K X 16 NON-VOLATILE SRAM, 15 ns, PDSO44 4-Mbit (512K x 8/256K x 16) nvSRAM 256K X 16 NON-VOLATILE SRAM, 15 ns, PDSO54
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY14B104L-BA15XCT CY14B104L-BA15XI |
4 Mbit (512K x 8/256K x 16) nvSRAM 512K X 8 NON-VOLATILE SRAM, 15 ns, PBGA48
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY14B104L-BA15XI CY14B104L-BA15XIT CY14B104L-BA25X |
4-Mbit (512K x 8/256K x 16) nvSRAM
|
Cypress Semiconductor http://
|
CY14B104L CY14B104L-BV45XCT CY14B104L-BV45XI CY14B |
4-Mbit (512K x 8/256K x 16) nvSRAM
|
http:// Cypress Semiconductor
|
CY7C1356BV25-225 CY7C1354BV25-166 CY7C1354BV25-225 |
256K X 36 ZBT SRAM, 3.2 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBLArchitecture 256 × 36/512K × 18流水线的SRAM架构的总线延迟 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor Corp. Crystek, Corp.
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
GS881E18BD-200IV GS881E36BGT-200V |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 6.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
CY7C1354CV25-225AXI CY7C1354CV25-167AXI CY7C1356CV |
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture 9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture 9兆位56 × 36/512K × 18)流水线的SRAM的总线延迟TM架构 9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture 9兆位56 × 36/512K × 18)流水线的SRAM的总线延迟,TM架构
|
Cypress Semiconductor Corp.
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
CYD09S18V-100BBC CYD09S18V-100BBI CYD02S18V-133BBC |
512K X 18 DUAL-PORT SRAM, 4.7 ns, PBGA256 17 X 17 MM, 1 MM PITCH, LEAD FREE, FBGA-256 FLEx18 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM FLEx18垄芒 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor, Corp.
|