PART |
Description |
Maker |
MICRF007BM MICRF007BMNBSP MICRF007 |
QwikRadioTM Low-Power UHF Receiver MICRF007 Low Power UHF Receiver From old datasheet system QwikRadio Low-Power UHF Receiver SPECIALTY CONSUMER CIRCUIT, PDSO8
|
http:// MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MC145705DW MC145705P MC145706DW MC145706P MC145707 |
5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE (MC145706 / MC145707) 5 Volt Only Driver/Receiver with an Integrated Standby Mode Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO20 Dual-Processor Supervisory Circuits with Power-Fail 8-MSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Motorola, Inc MOTOROLA[Motorola Inc] Jiangsu Changjiang Electronics Technology Co., Ltd.
|
UPD4722GS-GJG UPD4722 UPD4722GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
UPD4723GS-GJG UPD4723 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
|
NEC Corp. NEC[NEC]
|
NJU6401 NJU6401B NJU6401BD NJU6401BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
SP385A SP385ACA SP385ACT SP385AEA SP385AET |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 3V to 5V RS-232 Line Driver/Receiver
|
SIPEX[Sipex Corporation]
|
EL1501 EL1501C EL1501CM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Differential Line Driver/Receiver
|
Intersil, Corp. ELANTEC[Elantec Semiconductor]
|
AK1222 |
900MHz Low Power Mixer
|
Asahi Kasei Microsystems
|
MC13141 |
Low Power DC - LNA and Mixer
|
Motorola Semiconductor
|