PART |
Description |
Maker |
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTC144EE PDTC144EEF PDTC144EK PDTC144EM PDTC144E |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼? NPN resistor-equipped transistors; R1 = 47 k惟, R2 = 47 k惟 NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
DTC115EM3T5G |
Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
PEMH14 PUMH14 5C H1- H1P H1T H1W |
NPN/NPN resistor-equipped transistors R1 = 47 kohm, R2 = open NPN/NPN配电阻型晶体管;R1=47千欧姆,R2=开 NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ZXT11N15DF ZXT11N15DFTC ZXT11N15DFTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN 15V NPN SILICON LOW SATURATION TRANSISTOR NPN Low Sat Transistor
|
Diodes, Inc. Diodes Incorporated Zetex Semiconductors
|
MPSH10 MPSH11 ON2346 MPSH10-D |
VHF/UHF Transistors NPN Silicon CASE 294, STYLE 2 TO2 (TO26AA) From old datasheet system VHF/UHF Transistors(NPN Silicon) (MPSH10 / MPSH11) VHF/UHF Transistors
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
MSC2295BT1 MSC2295-BT1 MSC2295-CT1 ON2374 |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN RF Amplifier Transistors Surface Mount UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR CASE 318D3, STYLE 1 SC9 From old datasheet system
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola, Inc]
|
ZXT10N15DE6 ZXT10N15DE6TA ZXT10N15DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
ZXT10N20DE6 ZXT10N20DE6TA ZXT10N20DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SC4159 2SA1606 A1606 |
2SA1606 NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF 100W Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors for High-Voltage SwitchingAF 100W Driver Application(用于高电压转换,AF 100W驱动器应用的NPN硅外延平面型晶体
|
Sanyo Semicon Device Sanyo Electric Co.,Ltd.
|