PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJ15003 MJ15004 ON1980 |
From old datasheet system 20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS POWER TRANSISTORS COMPLEMENTARY SILICON 20 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semiconductor
|
MJF6668 ON2050 MJF6388 MJF6688 |
Complementary power darlington From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
|
ONSEMI[ON Semiconductor] Motorola, Inc MOTOROLA INC
|
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BD243B ON0193 BD244C BD243C BD244B |
Complementary Silicon Plastic Power Transistors From old datasheet system 6 AMPERE POWER TRANSISTORS POWER TRANSISTORS COMPLEMENTARY SILICON
|
Motorola Inc MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJ2500 MJ3000 MJ1250 MJ3001 |
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BD778 BD776 BD777 |
Plastic Darlington Complementary Silicon Power Transistors DARLINGTON 4-AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 45/ 60/ 80 VOLTS 15 WATTS
|
Motorola Inc MOTOROLA[Motorola, Inc] ON Semiconductor
|
2N6040 2N6045 2N6044 2N6041 2N6042 2N6043 2N6040-D |
COMPLEMENTARY SILICON POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors
|
http:// Central Semiconductor Corp ONSEMI[ON Semiconductor]
|
NTE262 NTE261 |
Silicon complementary PNP transistor. Darlington power amplifier. Silicon Complementary Transistors Darlington Power Amplifier
|
NTE[NTE Electronics]
|
CMBT3904E10 CMBT3906E CMBT3904E-15 |
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS
|
Central Semiconductor Corp Central Semiconductor C...
|
NTHD3100C NTHD3100CT1 NTHD3100CT1G NTHD3100CT3 NTH |
Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™ Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™; Package: ChipFET™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 3000 2.9 A, 20 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET Power MOSFET 20V, 3.9A/4.4A, Complementary ChipFET(20V, 3.9A/4.4A功率MOSFET) Power MOSFET 20 V, 3.9 A /−4.4 A, Complementary ChipFET
|
ON Semiconductor
|