PART |
Description |
Maker |
IRFF430 FN1894 |
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET 2.75 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF 2.75A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
IRFD9220 FN2286 |
600 mA, 200 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET From old datasheet system 0.6A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET
|
Intersil Corporation
|
IRF9620 FN2283 |
3.5A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET 3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET 3.5A 200V 1.500 Ohm P-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
SFF440-28 |
8 AMP 500 Volts 0.88 OHM N-Channel POWER MOSFET 8 A, 500 V, 0.86 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
STP6NB50 STP6NB50FP |
3.4 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 5.8 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL ENHANCEMENT MODE POWERMESH MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
IRFF210 FN1887 |
2.2A/ 200V/ 1.500 Ohm/ N-Channel Power MOSFET From old datasheet system 2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
|
Intersil Corporation
|
APT10050B2VFR APT10050LVFR |
21 A, 1000 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS V 1000V 21A 0.500 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
Advanced Power Technology Ltd.
|
FQN1N50CTA FQN1N50C |
N-Channel QFETMOSFET 500V, 0.38A, 6 N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
|
Fairchild Semiconductor
|
APT30F50B |
N-Channel FREDFET 30 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB
|
Microsemi, Corp.
|
CW1XCT52A0.015OHMJ CW1XCT52A0.024OHMJ CW1XCT52A0.0 |
RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.015 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.024 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.027 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.016 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.036 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.011 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.012 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.018 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.039 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.043 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.013 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 3 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 2 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 3 W, 1 %, 50 ppm, 0.604 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
KOA Speer Electronics,Inc.
|
FQNL2N50BBU |
500V N-Channel QFET; Package: TO-92L; No of Pins: 3; Container: Bulk 0.35 A, 500 V, 5.3 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
IXFN80N50Q2 |
80 A, 500 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS CORP
|
|