PART |
Description |
Maker |
STU6N95K5 |
N-channel 950 V, 1 Ohm typ., 9 A Zener-protected SuperMESH(TM) 5 Power MOSFET in IPAK package
|
ST Microelectronics
|
STWA20N95K5 |
N-channel 950 V, 0.275 Ohm typ., 17.5 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-247 long leads package
|
ST Microelectronics
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
S4402 |
MOSFET, Switching; VDSS (V): 600; ID (A): 16; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.475; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
S7878 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
STW25N95K3 |
N-channel 950 V, 0.32 ohm, 22 A, TO-247
|
STMicroelectronics
|
STP4N80K5 STD4N80K5 STF4N80K5 STU4N80K5 |
N-channel 800 V, 2.1 Ohm typ., 3 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-220 package N-channel 800 V, 2.1 Ohm typ., 3 A Zener-protected SuperMESH(TM) 5 Power MOSFET in DPAK package N-channel 800 V, 2.1 Ohm typ., 3 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-220FP package N-channel 800 V, 2.1 Ohm typ., 3 A Zener-protected SuperMESH(TM) 5 Power MOSFET in IPAK package
|
ST Microelectronics
|
STF13N95K3 |
10 A, 950 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
STMICROELECTRONICS
|
STF11NM65N STFI11NM65N STD11NM65N STP11NM65N |
N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 650 V, 0.425 Ω typ., 11 A MDmesh?II Power MOSFET in DPAK, TO-220FP, I2PAKFP and TO-220 packages N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
STF20N65M5 STFI20N65M5 |
N-channel 650 V, 0.160 Ohm typ., 18 A MDmesh(TM) V Power MOSFET in TO-220FP package N-channel 650 V, 0.160 Ohm typ., 18 A MDmesh(TM) V Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
IRFP23N50LPBF |
23 A, 500 V, 0.235 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190ヘ , Trr typ. = 170ns , ID = 23A ) HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190Ω , Trr typ. = 170ns , ID = 23A )
|
International Rectifier
|
STP45N65M5 STW45N65M5 STB45N65M5 STF45N65M5 |
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
|
STMicroelectronics
|
|