PART |
Description |
Maker |
586-2406-220F 586-2405-220F 586-2402-220F 586-2401 |
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S) LED, BA9S, 6-36VAC/DC, GREEN; Lamp fitting type:BA9s; Current rating:10mA; Diameter, External:9mm; Length / Height, external:28.75mm; Temp, op. max:85(degree C); Temp, op. min:-30(degree C); Case style:T 3 1/4; Colour, LED:Green; RoHS Compliant: Yes
|
Dialight Corporation http://
|
PE2320 PE2320BE-70.0M-XXX PE2320BF-70.0M-XXX PE232 |
Safety Sign; Legend:Notice Employees Only; External Height:7"; External Width:10"; Body Material:Polyester; Color:Blue/Black RoHS Compliant: NA 10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad 10垫无铅表面贴装时钟振荡器,见6Pad PE1145B Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPDT; Switch Operation:On-Off-(On); Contact Current Max:4A; Switch Terminals:Solder Lug; Actuator Color:Black; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes CRYSTAL OSCILLATOR / 1-CHANNEL LENS, RECTANGULAR, BLUE; Colour:Blue; Length / Height, external:18mm; Width, external:24mm RoHS Compliant: Yes LENS, RECTANGLE AMBERLENS, RECTANGLE AMBER; Colour:Amber; Length / Height, external:18mm; Width, external:24mm 10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
|
Pletronics Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
SECU1205C-S SECU1605C-S SECU1805C-S SECU1905C-S SE |
1.6 ? 0.8 Miniature Surface Mount LEDs 1.6 × 0.8 Miniature Surface Mount LEDs SINGLE COLOR LED, ORANGE
|
SANKEN ELECTRIC CO LTD
|
54LS76 S7476W S7476F S74LS76W S74LS76F 74LS76 54_7 |
ENCLOSURE, CARDMASTER POLYCARBONATE; Length / Height, external:160mm; Width, external:166mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL 94 5V; IP rating:IP 65; RAL number:7035; Temp, op. DUAL JK FLIP - FLOP 双JK触发次浮点运
|
Signetics ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
112RKI40 112RKI40S90 111RKI40S90 112RKI80S90 110RK |
Potting Box Enclosure; Enclosure Material:Plastic; External Height:1"; External Width:4"; External Depth:1.75"; Enclosure Color:Black RoHS Compliant: Yes 相位控制晶闸管螺柱版 PHASE CONTROL THYRISTORS Stud Version
|
International Rectifier, Corp. IRF[International Rectifier]
|
SFPJ-73 FMJ-2303 RK33 MI1A3 SPJ-G53S AK03 EA03 EK0 |
Schottky Barrier Diodes 肖特基势垒二极管 HEAT SINK, TO-202, 10 C/W; Case style:TO-202; Thermal resistance:10(degree C)/W; Width, external:34.5mm; Depth, external:38mm; Length / Height, external:12.5mm; Material:Aluminium; Surface finish:Black Anodised; Centres, RoHS Compliant: Yes
|
Unknow Electronic Theatre Controls, Inc. ETC SANKEN[Sanken electric] http://
|
DA4-265US DA4-180US DA4-215US |
AC-DC / External Wall-Mount Adapter
|
Emerson
|
3239 |
Enclosure; Enclosure Material:Aluminum; External Height:1.38"; External Width:2.25"; External Depth:1.13"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
ILSEU-GI480-5 ILSEU-GI480-D ILSEU-GI360-5 ILSEU-GI |
External Mount Hydrostatic Level Transmitter
|
Cynergy3 Co
|
8XL52 8XL54 87L54 87L52 87L58 8XL58 |
LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS FUSE KIT, ASSORTED; Depth, external:165mm; Height:50mm; Width, external:260mm
|
Intel Corp.
|
ML4803CP-1 ML4803CP-2 ML4803CS-1 ML4803IP-1 ML4803 |
INDICATOR, T1, ROUND; Lamp fitting type:Bi-Pin; Diameter, panel cut-out:8mm; Depth, external:25mm; Length / Height, external:9mm; Temp, op. max:45(degree C); Temp, op. min:-25(degree C); Width, external:9mm; LED / lamp size:T1 RoHS Compliant: Yes 8-Pin PFC and PWM Controller Combo
|
MICRO-LINEAR[Micro Linear Corporation]
|
1051271002 SD-105127-100 105127-1002 |
Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount
|
Molex Electronics Ltd.
|