PART |
Description |
Maker |
FRC3-CXXX FRC5 FRC-D FRC-E FRC3-AXXX FRC-EXXX FRC- |
(FRC3 Series) High Current Version (FRC5 Series) UL Recognized (FRC-D Series) PCB Connectors (FRC-E Series) PCB Connectors (FRC-J Series) PCB Connectors (DHB Series) Board to Board and Board to Cable Connectors (HU5 Series) Low Profile Header Connectors Intermateable (HTC Series) Grid Hard Metric Connectors (HTC Series) Hard Metric Coding Key (DHD Series) 1.27mm Center Flat Ribbon Cable IDC Connectors (DDMM Series) Socket (DFJ Series) Pitch Stacking Connector (DHE Series) Centerline IDC Connectors
|
DDK
|
415322-2 |
F Series and G Series; SURFACE MOUNT JACK, F SERIES ( AMP )
|
Tyco Electronics
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
KC3225A5000C30E00 |
Clock Oscillators Surface Mount Type KC3225A-C3 Series (K25-3C Series)
|
Kyocera Kinseki Corpotation
|
AN1172 |
THE NEW ACS SERIES: SERIES A BREAKTHROUGH IN RUGGEDNESS & DRIVE FOR HOME APPLIANCES
|
SGS Thomson Microelectronics
|
PF150HF-010.0M PF263HF-010.0M PF263HV-010.0M PF160 |
Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
|
Connor-Winfield Corporation
|
HD74LVC2G53 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC2G Series
|
Renesas
|
PSAA20R-240L6 |
20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
|
Phihong USA Inc.
|
HD74ALVC1G32 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|
HD74LVC1G66 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC1G Series
|
Renesas
|
904-15 |
900 SERIES, MPD SERIES MODULAR POWER SUPPLIES FOR OP AMPS LOGIC CIRCUITRY
|
Analog Devices
|