PART |
Description |
Maker |
OMNIVSINT1500XL |
OmniVS 230V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port, C13 Outlets
|
Tripp Lite. All Rights Rese...
|
OMNIX1500XLTAA |
TAA-Compliant OmniVS 230V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port, C13 Outlets
|
Tripp Lite. All Rights ...
|
OMNIVS1000-15 |
OmniVS 120V 1000VA 500W Line-Interactive UPS,Tower, USB port
|
Tripp Lite. All Rights ...
|
OMNIVS1000 |
OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
|
Tripp Lite. All Rights ...
|
AVRX750UD |
AVR Series 750VA Ultra-compact Line-Interactive 230V UPS
|
Tripp Lite. All Rights Rese...
|
SMARTINT2200VS |
SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
|
Tripp Lite. All Rights ...
|
SMX1500LCDT |
SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
|
Tripp Lite. All Rights ...
|
2SA2031 2SC5669 |
NPN Triple Diffused Planar Silicon Transistor 230V / 15A, AF100W Output Applications PNP Epitaxial Planar Silicon Transistor 230V / 15A, AF100W Output Applications 230V / 15A/ AF100W Output Applications
|
SANYO[Sanyo Semicon Device] Formosa MS Sanyo Electric Co.,Ltd.
|
SX18AD75-I/DP SX28AD75-I/TQ SX18AD75-I/PQ SX28AD75 |
; Suppressor Type:Outlet Strip; Transient Energy Rating:4080J; External Depth:6.25"; Approval Bodies:cULus; Applications:High-quality TVSS for datacenters, industrial facilities and commercial buildings 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 8-BIT MICROCONTROLLER (SXxxxx) Configurable Communications Controllers Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:47min; Run Time - Full Load:21min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:700W; Run Time - Half Load:13min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:8 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:14min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:8000W; Run Time - Half Load:24min; Run Time - Full Load:10min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:13 RoHS Compliant: NA Data Line Surge Suppressor; Suppressor Type:Data Line; Peak Surge Current:6.5kA; Response Time:1ns; Connector Type A:IEC320-C8; Connector Type B:IEC320-C8; Fax/Modem Protection:Yes; Features:RJ-11 Modem/Fax protection
|
SCENIX Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
OA4715 OA4715-23TB OA4715-12TB |
AC Fan - 115V, 230V 120x38mm (4.7”x 1.5?
|
ORION FANS
|