PART |
Description |
Maker |
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
FCH041N60F |
N-Channel SuperFETII FRFETMOSFET 600V, 76A, 41m 600V N-Channel MOSFET, FRFET
|
Fairchild Semiconductor
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
STQ1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh⑩II MOSFET
|
ST Microelectronics STMicroelectronics 意法半导
|
STP11NM60A STP11NM60AFP STB11NM60A-1 |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmeshPower MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
SSW2N60B 2N60B SSI2N60B SSW2N60BTM |
600V N-Channel B-FET / Substitute of SSW2N60A 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQU5N60C FQD5N60C FQD5N60CTM FQD5N60CTF FQU5N60CTU |
600V N-Channel Advance QFET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI8N60C FQB8N60C FQB8N60CTM |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQP8N60C FQPF8N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQPF10N60C FQP10N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|