PART |
Description |
Maker |
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
SSU2N60B SSR2N60B SSR2N60 SSU2N60BTU SSR2N60BTF SS |
600V N-Channel MOSFET 600V N-Channel MOSFET 1.8 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 600V N-Channel B-FET / Substitute of SSU2N60A 600V N-Channel B-FET / Substitute of SSR2N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFBC40S IRFBC40L IRFBC40STRR IRFBC40STRL |
600V Single N-Channel HEXFET Power MOSFET in a TO-262 package 600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A) Power MOSFET(Vdss=600V Rds(on)=1.2ohm Id=6.2A) CAP CER 1500PF 100V 20% X7R 0603 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)\u003d 1.2ohm,身份证\u003d 6.2A
|
IRF[International Rectifier] International Rectifier, Corp.
|
STN1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SOT-223 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMeshII MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A - SOT - 223封装MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STD1LNC60 STD1LNC60-1 |
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH⑩II MOSFET N沟道600V 12ohm - 1A像是iPak / DPAK封装MOSFET的第二PowerMESH N-CHANNEL 600V 12 OHM 1A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?II MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFIBC40GLC IRFIBC40GLCPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
|
IRF[International Rectifier]
|
STB13NK60Z05 STP13NK60Z STP13NK60ZFP STW13NK60Z ST |
N-CHANNEL 600V-0.48ヘ-13A-TO-220/FP-D?/I?PAK-TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH?/a> MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V-0.48楼?-13A-TO-220/FP-D漏梅/I漏梅PAK-TO-247 Zener-Protected SuperMESH垄芒 MOSFET
|
STMicroelectronics
|
FQPF10N60C FQP10N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STW10NB60 6241 |
N-CHANNEL Power MOSFET N - CHANNEL 600V - 0.69 - 10A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFPC40 IRFPC40PBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
|
IRF[International Rectifier]
|