PART |
Description |
Maker |
TX2-12V TX2-1.5V TX2-24V TX2-3V TX2-4.5V TX2-48V T |
Best seller with broad lineup and AC 2000 V breakdown voltage.
|
Panasonic Semiconductor
|
TG-5005CE |
TCXO MINIATURE SIZE LOW PROFILE
|
Epson ToYoCom
|
C005YK1R0ABSTR C005YK1R3ABSTR C005YJ0R2ABSTR C005Y |
Ultra-Miniature 01005 Size Accu-P?
|
AVX Corporation
|
TG-5021BA |
TCXO ULTRA MINIATURE SIZE LOW PROFILE
|
Epson ToYoCom
|
FA-118 FA-118T |
ULTRA MINIATURE SIZE LOW PROFILE SMD
|
Epson ToYoCom
|
MRPR-8 |
Miniature normally open switch size with 20.32mm x 2.84mm
|
HAMLIN Position and Movement Sensor Solutions
|
MF-722A MF-723A |
CRYSTAL FILTER FOR MINIATURE SIZE RADIO EQUIPMENT
|
Epson ToYoCom
|
SS0R1M1HSA040050 |
ALUMINUM ELECTROLYTIC CAPACITORS SS Series: Radial Micro-Miniature Size
|
RFE international
|
FA-238 FA-238V |
MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
|
Epson ToYoCom
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|