PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
S553-6500-C7 |
T1/E1 Transformer Miniature HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
|
Bel Fuse Inc.
|
FA2925-AL FA2924-AL FA2805-CL FA2925-ALB |
Flyback Transformers PoE transformer, for Si3400/3401, SMT, RoHS 15 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
H27650-A H28224-B H27695-A H28223-B H27649-B H2815 |
HDSL2 Transformers DSL transformer, for Level One SK7074x, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
MABA-007948-CT64TB |
Transformer, 4:1 Flux coupled balun transformer 1 to 650 MHz
|
M/A-COM Technology Solutions, Inc.
|
PM61300-4-RC |
TRANSFORMER CCFL INVERT 13V SMD 13 V DC, 6 W, INVERTER TRANSFORMER
|
Bourns, Inc.
|
AS8456-A |
DSL transformer, for AD20MSP910/918, not RoHS TELECOM TRANSFORMER
|
Coilcraft, Inc.
|
MABAES0032 |
Transformer, 1:1 Transmission Line Transformer 5 to 1000 MHz
|
M/A-COM Technology Solutions, Inc.
|
MABA-009691-CT1881 MABA-009691-CT18TB MABA-009691- |
Transformer, 1:1 Transmission Line Transformer 5 to 1200 MHz
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|
FL3209-2LB FL3209-1LB FL3209-3LD COILCRAFTINC-FL32 |
Transformer, CCFL, SMT, RoHS 3.5 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|