PART |
Description |
Maker |
ISL12058 ISL12058IBZ ISL12058IBZ-T ISL12058IRTZ IS |
Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Cost and Low Power I2C-Bus™ Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function; 8-MSOP; Ind Temp REAL TIME CLOCK, PDSO8 Low Cost and Low Power I2C-Bus垄芒 Real Time Clock/Calendar
|
Intersil, Corp. Intersil Corporation
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KM7101 |
Ultra-Low Cost, 136uA, 4.9MHz Rail-to-Rail I/O Amplifier From old datasheet system an ultra-low cost, low power, voltage feed-back
|
Fairchild Semiconductor
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
IDT79RC4650 79RV4650_DS_45412 IDT79RV4650-150DP ID |
R4650 Low Cost, DSP Capable 64-bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** From old datasheet system Low-Cost 64-bit RISController w/DSP Capability
|
IDT
|
AD557JP-REEL7 AD557JNZ AD557-15 |
DACPORT Low Cost, Complete µP-Compatible 8-Bit DAC PARALLEL, 8 BITS INPUT LOADING, 0.8 us SETTLING TIME, 8-BIT DAC, PQCC20 DACPORT Low Cost, Complete μP-Compatible 8-Bit DAC DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
|
Analog Devices, Inc.
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
DS52-0004 DS52-0004-TR DS52-0004-RTR |
1510-1660 MHz, Low cost two-way SMT power divider Low Cost Two-Way SMT Power Diveder 1510-1660MHz From old datasheet system
|
MA-Com MACOM[Tyco Electronics]
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
|