PART |
Description |
Maker |
A004006 |
Composite Video Gold Cable (RCA M-M), 6-ft.
|
Tripp Lite. All Rights ...
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
A61L6316S-15I A61L6316S-15 A61L6316S-12I A61L6316S |
VGA VIDEO CABLE W/ FERRITE CORE,10 FT, MM VGA VIDEO CABLE W/ FERRITE CORE, 5 FT, MM Connector assemblies, Audio/RF/Video cables; VGA VIDEO CABLE W/ FERRITE CORE, 3 FT, MF VGA VIDEO CABLE W/ FERRITE CORE,10 FT, MF VGA VIDEO CABLE W/ FERRITE CORE, 5 FT, FF 64K X 16 BIT HIGH SPEED CMOS SRAM 64K的16位高速CMOS SRAM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
ISL59114 ISL59114IRUZ-T7 |
YC (S-video) to Composite Video Driver with LPF
|
Intersil Corporation
|
A42L0616V-45 A42L0616V-45U A42L0616S-45 A42L0616S- |
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE VGA VIDEO CABLE W/ FERRITE CORE,100FT, MM VGA VIDEO CABLE W/ FERRITE CORE,75 FT, MM
|
http:// AMIC Technology Corporation
|
SPT9400SCR SPT9400 |
TRIPLE VIDEO DRIVER WITH Y/C & COMPOSITE OUTPUT
|
SPT Signal Processing Technologies ETC[ETC] List of Unclassifed Manufacturers
|
OTS-1VT2AT-A1-FC-IC OTS-1VT2AT-A1-LC-IC OTS-1VT2AT |
Optiva Standard, 1 Composite Video and 2 Audio
|
Opticomm Corporation
|
FMS6419MSA28X FMS6419 FMS6419MSA28 |
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs Selectable RGB (YUV) HD/SD Video Filter Driver with Y/ C/ Composite Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
OTS-1VT1ETR-A2_A3H-FC-IC OTS-1VT1ETR-A2_A3H-LC-IC |
Optiva Standard, 1 Composite Video and 1 Duplex 10/100 Mbps Ethernet
|
Opticomm Corporation
|
A020000KJ |
Composite Audio Video Keystone Jack, Snap-in Insert Module (R,Y,W F-F)
|
Tripp Lite. All Rights ...
|
X9448YP24-2.7 X9448YP24I-2.7 X9448WP24-2.7 X9448WP |
VGA VIDEO CABLE 100 FT FF 混合信号2线接 Mixed Signal with 2-Wire Interface 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 VGA VIDEO CABLE 35 FT FF 混合信号2线接 Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Yellow; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes
|
Intersil, Corp. 数字电位 INTERSIL[Intersil Corporation]
|
OTS-2V4DTR |
Optiva Standard, 2 Composite Video, and 4 Duplex RS-232/422/485 Data
|
Opticomm Corporation
|