PART |
Description |
Maker |
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
ZXT11N15DF ZXT11N15DFTC ZXT11N15DFTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN 15V NPN SILICON LOW SATURATION TRANSISTOR NPN Low Sat Transistor
|
Diodes, Inc. Diodes Incorporated Zetex Semiconductors
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
KTC1027 KTC1027O KTC1027-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
FJPF13007H2TTU FJPF13007TU |
NPN Silicon Transistor 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB NPN Silicon Transistor; Package: TO-220F; No of Pins: 3; Container: Rail 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|