PART |
Description |
Maker |
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
PEMH10 PUMH10 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=2.2千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
BC847BPDW1T1 BC847CPDW1T1 BC848BPDW1T1 BC846BPDW1T |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system Dual General Purpose Transistors(NPN/PNP Duals)
|
ON Semiconductor
|
ZTX601A ZTX600Z ZTX600AZ ZTX600BZ ZTX601B |
Discrete - Bipolar Transistors - Darlington Transistors - ZTX600B(Z) Discrete - Bipolar Transistors - Darlington Transistors - ZTX600A(Z) Discrete - Bipolar Transistors - Darlington Transistors - ZTX600(Z) NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
|
Diodes List of Unclassifed Manufacturers
|
ZXT11N20DFTA ZXT11N20DFTC ZXT11N20DF |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 20V NPN SILICON LOW SATURATION TRANSISTOR NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
PEMD13 PUMD13 |
NPN-PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-PNP配电阻型晶体管,R1=4.7千欧姆,R2=47千欧 NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTC114YEF PDTC114YT |
NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN配电阻型晶体R1=10千欧姆,R2=47千欧 NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
2SC2911 2SA1209 2SA120902 |
NPN Epitaxial Planar Silicon Transistors 160V/140mA High-Voltage Switching and AF 100W Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo Semicon Device
|