PART |
Description |
Maker |
AT-320240Q1 |
AT-320240Q1 320 X 240 DOTS 1/240 DUTY
|
List of Unclassifed Manufacturers Unknow Electronic Theatre Controls, Inc.
|
1203-27-7 |
FOR USE WITH BELDEN RF 200 CABLE
|
Winchester Electronics Corp...
|
1203-30-7 |
FOR USE WITH BELDEN RF 100 CABLE
|
Winchester Electronics Corp...
|
1203-31-9 |
FOR USE WITH BELDEN RF 195 CABLE
|
Winchester Electronics Corp...
|
1203-34-9 |
FOR USE WITH BELDEN RF 500 CABLE
|
Winchester Electronics Corp...
|
031-5998-RFX |
BNC CRIMP PLUG (FOR BELDEN 8214,9913,9914)
|
Amphenol Corporation
|
REC10-4824SRWLZ REC10 REC10-1205DRWL REC10-1205SRW |
THYRISTOR PROTECT BIDIR 30A SMB ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BIDIR 50A SMB ECONOLINE -直流/直流-转炉 DSUB CON D*M PIN F179A ECONOLINE -直流/直流-转炉 CONTACT SIG H3 P R/A 50 CONTACT SIGNAL H1 P R/A 30 CONTACT SIGNAL H2 P R/A 50 RP BKA COAX RG 316 SIZE 5 CONTACT SIGNAL H3 P R/A 30 CAB CON 16S PIN 22/20 F80 A176 CONTACT SIGNAL H1 P R/A 50 CAB CON 16S PIN 22/20 F80 A36 THYRISTOR PROTECT BI-DIR 30A SMB CTPIND*MA2024AS-NM-A156 THYRISTOR PROTECT BIDIR 100A SMB
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
SD0345-E00-C7201N |
DIN 1.0/2.3 75 OHM PLUG FOR BELDEN 1855A CABLE (RoHS COMPLIANT)
|
Winchester Electronics Corporation
|
MMFT2406T1 MMFT2406T MMFT2406T1_D ON2217 |
MEDIUM POWER TMOS FET 700 mA 240 VOLTS 0.7 A, 240 V, 6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA N-hannel Enhancement-ode Logic Level SOT23 From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
031-6001-RFX 31-2367-RFX 31-6000-RFX 31-6002-RFX 3 |
BNC/TNC for Belden, LMR Cable TNC Straight Plug & Right Angle
|
Amphenol Corporation
|
10-89-7562 10-89-7560 10-89-7561 10-89-7060 10-89- |
CGrid VT Bkwy Hdr 15 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 6Ckt (240/110) 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER STRIP 30X2 STRT, & 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 76Ckt (240/110) 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 28Ckt (240/110) 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 18Ckt (240/110) 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 48Ckt (240/110) 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 22Ckt (240/110) 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 36Ckt (240/110) 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 46Ckt (240/110) 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897341 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER, 12-PIN, DUAL ROW, OPEN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 74Ckt (240/110) 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 58Ckt (240/110) 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 52Ckt (240/110) 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897720 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONNECTOR HEADER 2X16 THRU-HOLE Multipole Connector; Number of Contacts:30; Pitch Spacing:2.54mm; Number of Rows:2; Gender:Header; Series:70280; Body Material:Polyester, Glass-filled; Contact Plating:Gold; Mounting Type:Straight PCB Thru Hole CGrid VT Bkwy Hdr 15 SAu 36Ckt (240/110) CGrid VT Bkwy Hdr Tin 36Ckt (240/110)
|
Molex, Inc. MOLEX INC
|
MPC603PFE180LX MPC603PFE233LX MPC603PFE200LX MPC60 |
32-BIT, 180 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 233 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 200 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 240 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 166 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 220 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 160 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 225 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240
|
Freescale Semiconductor, Inc.
|
|