PART |
Description |
Maker |
MJ15001 MJ15002 ON1979 NH15002 |
15 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA From old datasheet system 15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
|
MOTOROLA INC Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
GB840 |
SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
|
GTM CORPORATION
|
SF0140BA03072S |
140 MHz Filter 16 MHz Bandwidth From old datasheet system 140 MHz Low Loss SAW Filters
|
Integrated Circuit Systems ICS
|
2N6031 |
PNP SILICON POWER TRANSISTOR 140 VOLTS, 200 WATTS
|
Central Semiconductor Corp
|
MJ15003 |
20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
|
Motorola, Inc ON Semiconductor
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
2N3637 2N36342 2N3635 2N3634UB 2N3634L JANTXV2N363 |
PNP SILICON SWITCHING TRANSISTOR 1000 mA, 140 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi Corporation MICROSEMI CORP-LAWRENCE
|
SZ5B6.2SMSS SZ5A4.3S A6SMSS SZ5B110SMSS SZ5B3.6SMS |
6.2 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS, SMS, 2 PIN 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 6 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 110 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.6 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 60 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 140 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
HEDT-9140 HEDT-9141 HEDT-9140I00 |
High Temperature 140 degrees C Three Channel Optical Incremental Encoder Modules 高温140摄氏度三通道光学增量编码器模 HEDT-9141#I00 · High Temperature 140 degrees C Three Channel Optical Incremental Encoder Modules HEDT-9140#I00 · High Temperature 140 degrees C Three Channel Optical Incremental Encoder Modules
|
Ecliptek, Corp. Agilent (Hewlett-Packard)
|
UZ7110-140 |
UZ7110-140
|
American Microsemiconductor Inc.
|