PART |
Description |
Maker |
M670-693.4830 M670 M670-155.5200 M670-156.2500 M67 |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 168.04 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 669.3265 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 690.5692 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 627.3296 MHz XTAL MTL SMT HC49/USM CONNECTOR ACCESSORY VOLTAGE CONTROLLED SAW OSCILLATOR
|
INTEGRATED DEVICE TECHNOLOGY INC ICST[Integrated Circuit Systems] http:// Integrated Circuit Syst...
|
VS-505-LFF-HBAN VS-505-MFF-HBAN VS-505-LGF-HBAN VS |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 425 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 184.32 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 161.132813 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 156.25 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 120 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 657.421875 MHz Single Frequency VCSO
|
Vectron International, Inc
|
VS-5020-BCJ-HXX1-480M000000 VS-5020-BCE-KXX1-480M0 |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 480 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 640 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 1330 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 983.04 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 696.4215 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 930 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 300 MHz - 1350 MHz
|
VECTRON INTERNATIONAL
|
C5315 C5315SV033RFPA1666.5143MHZ C5315SV050RFPA166 |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 624.629 MHz SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 644.5313 MHz SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 666.5143 MHz SMD, 6 PIN 2, 5, 10 Gbit/s standard Sonet / SDH Voltage Controlled Crystal Oscillator
|
Vectron International, Inc.
|
X24165 X24165P X24165P-2.7 X24165PI X24165PI-2.7 X |
Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High IC LDO REG 3A 5.5V W/ENBL 8-SOIC Advanced 2-Wire Serial E2PROM with Block Lock Protection
|
XICOR[Xicor Inc.]
|
BT152-600 BT152 |
600V Vdrm 20A Sensitive Gate Silicon Controlled Rectifier, 1.7@40AV Peak On-State Voltage, 200V/μs Rise of Off-State Voltage Silicon Controlled Rectifiers
|
SEMIWELL[SemiWell Semiconductor]
|
DRO7195G |
Voltage-Controlled Oscillator Voltage-Controlled Oscillator Microwave Radio Equipment
|
Z-Communications, Inc
|
X93156WM8IZ-2.7 X93156 X93156UM8I-2.7 X93156UM8IZ- |
Digitally Controlled Potentiometer :SEMITOP-4; Voltage, Vceo:600V; Voltage, Vce sat max:1.9V; Current, Ic continuous a Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
DRO7700A |
Voltage-Controlled Oscillator Voltage-Controlled Oscillator Radar Equipment
|
Z-Communications, Inc
|
ADG715 ADG715BRU ADG714 ADG714BRU |
CMOS/ Low Voltage Serially-Controlled/ Octal SPST Switches (4kV/6kV Versions); EN and UL Certificates; 3 Pinout Options, 3 Case Styles; Control Pin Option; Efficiency to 86% CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
BD5323FVE-TR BD5323G-TR BD5240G-TR BD5242G-TR BD52 |
Free Delay Time Setting CMOS Voltage Detector IC Series Delay time controlled by extemal capacitor Free Delay Time Setting CMOS Voltage Detector IC Series Delay Time Controlled by external Capacitor, Two output types Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
|
Rohm
|
ADG71402 ADG714 ADG715 ADG714BRU ADG715BRU |
CMOS, Low Voltage Serially Controlled, Octal SPST Switches CMOS, Low Voltage, SPI/QSPI/Mircowire Compatible Interface, Serially Controlled, Octal SPST Switches CMOS, Low Voltage, I2C Compatible Interface, Serially Controlled, Octal SPST Switches
|
Analog Devices
|