PART |
Description |
Maker |
5962-9206103H5X 5962-9206104H5X 5962-9206106H5X 59 |
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers 1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors ±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown 1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 收发 Transceiver 收发
|
Littelfuse, Inc.
|
5962-9221104MFX 5962-9221106MFX 5962-9221104M2X 59 |
3V to 5.5V, Up to 250kbps True RS-232 Transceiver with 4µA AutoShutdown Plus and Power On Reset ±15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications 2,输入数字复接器 3V to 5.5V, Up to 250kbps True RS-232 Transceiver with 4µA AutoShutdown Plus and Power On Reset 2,输入数字复接器
|
Toshiba, Corp.
|
MAX3222E10 MAX3222EEUP MAX3222ECUP MAX3222ECPN MAX |
卤15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, QCC20 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO18 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO20
|
http:// Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
SP3232EBCA_TR SP3232EBCY_TR SP3232EBCN_TR SP3232EB |
TRUE 3.0V TO 5.5V RS-232 TRANSCEIVERS
|
SIPEX[Sipex Corporation]
|
SP3232EBEA/TR SP3222EBEA/TR SP3232EBEY/TR SP3222EB |
True 3.0V to 5.5V RS-232 Transceivers
|
Sipex Corporation http://
|
SP3222EBEA-L SP3232EBEA-L SP3232EBCA-L SP3232EBEN- |
True 3.0V to 5.5V RS-232 Transceivers
|
Exar Corporation
|
MAX212EAG MAX212CAG-T |
3V-Powered, Low-Power, True RS-232 Transceiver
|
MAXIM - Dallas Semiconductor
|
MAX3314 MAX3314CKA MAX3314CSA MAX3314CUA MAX3314EK |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA, RS-232-Compatible Transceiver LINE TRANSCEIVER, PDSO8 460kbps, 1μA, RS-232-Compatible Transceiver 460kbps, 1A, RS-232-Compatible Transceiver " 460kbps, 1?A, RS-232-Compatible Transceiver" 460kbps 1A RS-232-Compatible Transceiver 460kbps, 1レA, RS-232-Compatible Transceiver 460kbps, 1µA, RS-232-Compatible Transceiver 460kbps / 1A / RS-232-Compatible Transceiver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3320AEAPT |
3V to 5.5V, Up to 250kbps True RS-232 Transceiver with 4µA AutoShutdown Plus and Power On Reset
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX3232CUE-T |
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
|
Maxim Integrated Products
|
|