PART |
Description |
Maker |
RV2C002UN |
Nch 20V 180mA Small Signal MOSFET
|
Rohm
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
RSQ035N06FRA |
Nch 60V 3.5A Small Signal MOSFET
|
Rohm
|
NTJD4105C NTJD4105CT1 NTJD4105CT1G NTJD4105CT2 NTJ |
Small Signal MOSFET 20V/-8V, Complimentary 0.63A/-0.775A SC-88 Small Signal MOSFET 20 V / −8.0 V, Complementary, 0.63 A / −0.775 A, SC−88
|
ON Semiconductor
|
CDSV3-204-G CDSV3-204-G12 |
Switching Diodes Array, V-RRM=20V, V-R=20V, P-D=200mW, I-F=100mA Small Signal Switching Diodes
|
Comchip Technology
|
2SK0656 2SK656 |
Small-signal device - Small-signal FETs - MOS FETs From old datasheet system
|
Panasonic
|
WPMD2013-6TR |
Dual P-Channel, -20V, -0.64A, Small Signal MOSFET
|
TY Semiconductor Co., L...
|
WPMD2012-6TR |
Dual P-Channel, -20V, -0.64A, Small Signal MOSFET
|
TY Semiconductor Co., L...
|
|