PART |
Description |
Maker |
VBO25 VBO25-16NO2 VBO25-08NO2 VBO25-12AO2 VBO25-12 |
Single Phase Rectifier Bridge 38 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
W06M W04M RB151 W02M W005M W08 W01 W06 W10 W01M W0 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:1.5A 1.5A Single Phase Silicon Bridge 1.5A SINGLE - PHASE SILICON BRIDGE 1.5ASinglePhaseSiliconBridge
|
Chenyi Electronics SEMTECH[Semtech Corporation]
|
DBB04 DBB04C |
Diffused Junction Silicon Diode 0.4A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
110MT160K 110MT160KB 110MT160MT 90MT80KB 110MT100K |
3 PHASE, 110 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 800V 3 Phase Bridge in a INT-A-Pak package THREE PHASE BRIDGE CAP 3300PF 100V 100V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 三相桥式 3 PHASE, 90 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
IRF[International Rectifier] International Rectifier, Corp.
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
VHF36-08IO5 VHF36-12IO5 VHF36-14IO5 VHF36-16IO5 L0 |
Half Controlled Single Phase Rectifier Bridge 28 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge 28 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM00-1600V的半桥控制单相位整流带自由滑动的二极管)) Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
SDA263EF-1 SDA263AF-1 SDA263BF-1 SDA263CF-1 SDA263 |
75 AMP SINGLE PHASE BRIDGE RECITIFIER ASSEMBLY 75 A, SILICON, BRIDGE RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
KBL405G KBL407G KBL401G KBL402G |
Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 4 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Taiwan Semiconductor Company, Ltd
|
RC207 RC201 RC203 RC206 RC204 RC202 RC205 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes) 2 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|