PART |
Description |
Maker |
142-0761-821 142-0761-830 |
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, PC MOUNT, 15 MIL PIN
|
Emerson Network Power
|
142-0761-871 142-0761-880 |
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, EDGE MOUNT, 15 MIL PIN
|
Emerson Network Power
|
PE7105 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE:SPST
|
Pasternack Enterprises, Inc.
|
PE7115 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SPDT
|
Pasternack Enterprises, Inc...
|
PE7124 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
|
Pasternack Enterprises, Inc...
|
PE7120 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 1GHz TO 18 GHz SWITCH TYPE:SP3T
|
Pasternack Enterprises, Inc...
|
PE7106 |
SMA FEMALE COXIAL SWITCH FREQUENCY RANGE 1GHz TO 18GHz SWITCH TYPE SPST
|
Pasternack Enterprises, Inc.
|
STK22C48-P45 STK22C48-P45I STK22C48-N20 STK22C48-N |
DIODE TVS 170V 400W UNI 5% SMA DIODE TVS 17V 400W BIDIR 5% SMA SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA RoHS Compliant: Yes DIODE TVS 100V 400W UNI 5% SMA DIODE TVS 10V 400W UNI 5% SMA DIODE TVS 30V 400W BIDIR 5% SMA NVRAM (EEPROM Based) DIODE TVS 120V 400W BIDIR 5% SMA DIODE TVS 300V 400W UNI 5% SMA DIODE TVS 36V 400W UNI 5% SMA DIODE TVS 130V 400W UNI 5% SMA DIODE TVS 180V 400W UNI 5% SMA DIODE TVS 18V 400W BIDIR 5% SMA DIODE TVS 200V 400W UNI 5% SMA DIODE TVS 150V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 20V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 400V 400W UNI 5% SMA NVRAM中(EEPROM的基础
|
ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|
KA5L0165RI-TU KA5L0165RI-YDTU KA5L0165R-TU KA5L016 |
Fairchild Power Switch(SPS) 4 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(SPS) 4 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(SPS) 4 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
KA5M0165 KA5L0165R KA5L0165RN KA5L0165RTU KA5L0165 |
Fairchild Power Switch(FPS) 1A/650V 50KHz Power Switch 1A/650V 70KHz Power Switch 1A/650V 100KHz Power Switch IC,SMPS CONTROLLER,CURRENT-MODE,BIPOLAR/MOS,DIP,8PIN,PLASTIC Fairchild Power Switch(FPS) 4 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(FPS) 4 A SWITCHING REGULATOR, PSFM4
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC74 MC74A5-33SNTR MC74A5-50T ONSEMICONDUCTOR-MC74 |
RELAY SWITCH; SMA RELAY SWITCH; FREQUENCY RANGE: DC-18 GHz; SWICH TYPE: TRANSFER; FEATURE: INDICATORS, LATCHING & SELF CUT OFF; ACTUATING VOLTAGE: 28; VSWR: 1.50:1 @ 18 GHz SERIAL DIGITAL TEMPERATURE SENSOR
|
ON Semiconductor
|
PE71S2010 |
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
|
Pasternack Enterprises,...
|