PART |
Description |
Maker |
PE7116 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12GHz SWITCH TYPE:SPDT
|
Pasternack Enterprises, Inc...
|
PE7115 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SPDT
|
Pasternack Enterprises, Inc...
|
PE7104 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1 GHz SWITCH TYPE:SPST
|
Pasternack Enterprises, Inc.
|
PE7110 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz to 18 GHz SWITCH TYPE:SPST
|
Pasternack Enterprises, Inc...
|
PE7107 |
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHZ SWITCH TYPE:SPST
|
Pasternack Enterprises, Inc.
|
PE7407-50 |
50 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7407-40 |
40 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7228-50 |
50 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7337-30 |
30 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
BLK-89 |
Coaxial DC Block SMA 0.0001 to 8 GHz 0.1 MHz - 8000 MHz RF/MICROWAVE INSIDE DC BLOCK, 0.9 dB INSERTION LOSS-MAX Coaxial DC Block SMA 0.0001 to 8 GHz
|
MINI[Mini-Circuits]
|
PE3903LF |
CABLE ASSEMBLY PE-SR402A SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD(LEAD FREE)
|
Pasternack Enterprises, Inc.
|
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|