PART |
Description |
Maker |
R124464000 R124426123 R124553120 R124553123 |
PANEL MOUNT, FEMALE, SMA CONNECTOR, RECEPTACLE JACK, SMA, PCB, STRAIGHT; Connector type:SMA, Coaxial; Impedance:50R; Material, contact:Brass; Plating, contact:Gold over Nickel; Body style:Straight Jack; Termination method:Solder; Mounting type:PC Board; Insulation RoHS Compliant: Yes PANEL MOUNT, BOARD TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, RECEPTACLE
|
RADIALL S A
|
PE7112 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE: SPDT
|
Pasternack Enterprises, Inc...
|
PE7123 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12 GHz SWITCH TYPE:SP3T
|
Pasternack Enterprises, Inc...
|
PE7122 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SP3T
|
Pasternack Enterprises, Inc...
|
PE7228-50 |
50 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7228-60 |
60 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7363-10 |
10 dB Fixed Attenuator, SMA Female To SMA Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE34292LF |
CABLE ASSEMBLY PE-SR405FL SMA FEMALE TO SMA FEMALE(LEAD FREE)
|
Pasternack Enterprises, Inc.
|
PE7129 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4 GHz TO 8 GHz SWITCH TYPE :SP4T
|
Pasternack Enterprises, Inc...
|
AD9040 AD9040A AD9040A_PWB AD9040AJN AD9040AJR AD9 |
RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Right Angle Plug RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Jack RoHS Compliant: Yes 10-Bit 40 MSPS A/D Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
PE34299 |
CABLE ASSEMBLY PE-SR402FL SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
|
Pasternack Enterprises, Inc.
|
PE3056LF |
CABLE ASSEMBLY RG178/U SMA MALE TO SMA FEMALE(LEAD FREE)
|
Pasternack Enterprises, Inc.
|