PART |
Description |
Maker |
SMBJ5V0 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ90A SMBJ100 |
DEVICES FOR BIPOLAR APPLICATIONS 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:17V)(600W瞬变电压抑制反向隔离电压17V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:9.0V)(600W瞬变电压抑制反向隔离电压9.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.0V)(600W瞬变电压抑制反向隔离电压8.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:7.5V)(600W瞬变电压抑制反向隔离电压7.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.5V)(600W瞬变电压抑制反向隔离电压6.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.0V)(600W瞬变电压抑制反向隔离电压6.0V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.5V)(600W瞬变电压抑制反向隔离电压8.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:22V)(600W瞬变电压抑制反向隔离电压2V 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
MXSMBJP6KE8.2CATR MXSMBJP6KE9.1C MSPSMBGP6KE6.8TR |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA PLASTIC, SMBJ, 2 PIN 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC, SMBG, 2 PIN 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA PLASTIC, SMBJ, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA
|
Microsemi, Corp. MICROSEMI CORP
|
MAC12HCMG |
Triacs Silicon Bidirectional Thyristors 600 V, 12 A, TRIAC, TO-220AB
|
ON Semiconductor
|
MAC320A8FP ON0374 MAC320A8FP-D |
Triacs Silicon Bidirectional Thyristors From old datasheet system 20 AMPERES RMS 600 VOLTS
|
ON Semiconductor
|
MAC218A8_D ON0361 MAC218-D |
Triacs Silicon Bidirectional Thyristors From old datasheet system 8 AMPERES RMS 600 VOLTS
|
ON Semiconductor
|
MASMBG17CAE3TR |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC PACKAGE-2
|
Microsemi, Corp.
|
MAC97A8RLRP |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ON Semiconductor
|
T2800D ON2972 |
Silicon Bidirectional Thyristors From old datasheet system TRIACs 8 AMPERES RMS 400 thru 600 VOLTS
|
ONSEMI[ON Semiconductor]
|
SLVDA2.8LC-LF-T7 SLVDA2.8LC-LF-T13 |
600 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE ROHS AND REACH COMPLIANT, PLASTIC, SOP-8
|
ProTek Devices
|
SLVU2.8-8-T7 |
ULTRA LOW CAPACITANCE TVS ARRAY 600 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
|