PART |
Description |
Maker |
NL17SZ126 NL17SZ126-D NL17SZ126DF |
LOGIC GATE|BUFFER|CMOS|TSSOP|6PIN|PLASTIC 逻辑门|缓冲区|的CMOS | TSSOP封装| 6针|塑料 Non-inverting 3-State Buffer
|
Micron Technology, Inc. ON Semiconductor
|
ICE2A0XXX Q67040-S4542 Q67040-S4546 Q67040-S4541 Q |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-PDIP -55 to 125 High Speed CMOS Logic Hex Inverting Buffers 16-SO -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-SO -55 to 125 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 离线式开关电源电流模式控制器,集成了650V / 800V的的CoolMOS
|
Infineon Technologies AG
|
L74VHC1GT04 |
Inverting Buffer / CMOS Logic Level Shifter
|
LRC
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
CD74HC138SM |
<font color=red>[Old version datasheet]</font> High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
|
TI store
|
MC74VHC1GT04DFT2 M74VHC1GT04DFT1G MC74VHC1G13507 M |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter 2?Input NAND Schmitt?Trigger with Open Drain Output Single Schmitt?Trigger Inverter Single 2?Input NAND Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs Single 2?Input NOR Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs
|
ONSEMI[ON Semiconductor]
|
MC74HC125A HC125 MC74HC125AD MC74HC125ADT MC74HC12 |
Buffer, Non-Inverting 3-State Quad 3-State Non-Inverting Buffer Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
|
ONSEMI[ON Semiconductor]
|
BC848CLT1 BC850CLT1 BC846ALT1 BC846BLT1 BC847ALT1 |
General Purpose Transistors(NPN Silicon) High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-TSSOP -55 to 125 高速CMOS逻辑3/8线性反同相解码多路解复用器 TSSOP-16封装 工作温度55℃_125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 高速CMOS逻辑4/16位输出线性解码器/多路解复用器 SOIC-20封装 工作温度55℃_125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-SOIC -55 to 125 通用晶体管(NPN硅) High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 高速CMOS逻辑三输入非门 SOIC-14封装 工作温度55℃_125
|
LRC[Leshan Radio Company] Leshan Radio Company, Ltd.
|
HD74LV2GT125A HD74LV2GT125AUSE RENESASTECHNOLOGYCO |
Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter Dual Bus Buffer with 3?state Output / CMOS Logic Level Shifter Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
RENESAS[Renesas Electronics Corporation]
|