PART |
Description |
Maker |
DTC114EUA |
SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
|
Rectron Semiconductor
|
DTC114TUA |
SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
|
Rectron Semiconductor
|
DTA114EUA |
SOT-323 DIGITAL TRANSISTOR TRANSISTORS(PNP)
|
Rectron Semiconductor
|
DTA124EUA |
SOT-323 DIGITAL TRANSISTOR TRANSISTORS(PNP)
|
Rectron Semiconductor
|
GN1A4Z GN1A4Z-T2 GN1A4Z-T1 GN1A4ZM67 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR Hybrid transistor
|
NEC, Corp.
|
2SC4853 2SC4853-5 2SC4853-3 |
NPN Epitaxial Planar Silicon Transistor Low-Voltage, Low-Current High-Frequency Amplifier Applications TRANSISTOR | BJT | NPN | 6V V(BR)CEO | 15MA I(C) | SOT-323 晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一(c)|的SOT - 323
|
Sanyo Microchip Technology, Inc.
|
BC857BWT1 BC857AWT1 BC858BWT1 BC856BWT1 BC858AWT1 |
CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02/ STYLE 3 SOT-323/SC-70 CASE 419-02 STYLE 3 SOT-323/SC-70
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MMST3906 |
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
|
Rectron Semiconductor
|
DDTBXXXXU DDTB142TU DDTB122LU DDTB122TU DDTB142JU |
PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTA124EUA-13-F DDTA123EUA-7-F DDTA123EUA-13-F DDT |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|