PART |
Description |
Maker |
RT8058 |
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
APW7212 APW7212QBI-TRG |
1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
|
Anpec Electronics Corop...
|
APW7136BCI-TRG APW7136A10 APW7136CCI-TRG |
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
|
Anpec Electronics Coropration
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1170CQPBF LT1172CQPBF LT1172CS8PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
MIC2253 |
3.5A 1MHz High Efficiency Boost Regulator
|
MICREL
|
MIC22602YML |
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
|
Micrel Semiconductor
|
ISL8036ADUALEVAL1Z ISL8036CRSHEVAL1Z ISL8036ACRSHE |
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
|
Renesas Electronics Corporation
|
TS30111-M000 TS30111-M015 TS30111-M018 TS30111-M02 |
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
|
Semtech Corporation
|