PART |
Description |
Maker |
07501 07502 07503 |
SOLE GROUNDER
|
List of Unclassifed Manufac...
|
98-0798-5428-1 |
Economy Heel Grounder 2044
|
3M Electronics
|
17271 17272 17270 |
Full Coverage Non-Marring Foot Grounder
|
List of Unclassifed Man...
|
1N5988 1N5993 1N5987 1N5989 1N5997 1N5996 1N6029 1 |
From old datasheet system Axial-Leaded 500 mW Zener Diodes SILICON 500 mW ZENER DIODES 3.3V Input to Regulated 5V Output Charge Pumps Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA Zener Voltage Regulator Diode 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 15 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 100 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
1N5988A 1N5993A 1N5987A 1N5989A 1N5997A 1N5996A 1N |
Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA MASTIC PAD 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH MSTBP 2,5/21-ST-5,08 91 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:15ft; Color:Black RoHS Compliant: Yes 120 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH IC Socket; Leaded Process Compatible:Yes; No. of Contacts:14; Peak Reflow Compatible (260 C):No; Pitch Spacing:0.15"; Terminal Type:PC Board RoHS Compliant: Yes 12 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Axial-Leaded 500 mW Zener Diodes Zener Voltage Regulator Diode
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|